PART |
Description |
Maker |
KU80960CA-16 KU80960CA-25 KU80960CA-33 |
32-bit high-performanc embedded processor 16MHz 32-bit high-performanc embedded processor 25MHz 32-bit high-performanc embedded processor 33MHz
|
Intel
|
ZSPM9015ZI1R |
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
|
List of Unclassifed Man...
|
ZSPM9000 ZSPM9000AI1R |
Ultra-Compact, High-Performance DrMOS Device
|
Integrated Device Techn...
|
MHI200GRI8 MHI205S-05GRI8 MHI212S-05GRI8 MHI224S-0 |
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
|
MicroPower Direct, LLC
|
LXML-PWN1-0080 LXML-PWN1-0070 LXML-PWW1-0040 LXML- |
ultra-compact, surface-mount, high-power LED
|
Lumileds Lighting Company http://
|
LSM303D |
Ultra compact high performance e-compass: 3D accelerometer and 3D magnetometer module
|
STMicroelectronics N.V.
|
ZSPM9060ZA1R |
Ultra-Compact, High-Performance High-Frequency DrMOS Device
|
Integrated Device Techn...
|
RPM973-H16 |
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
|
Rohm
|
INTERNET350U |
Internet Office 350VA Ultra-compact Standby 120V Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
|
Tripp Lite. All Rights Reserved Tripp Lite. All Rights Rese...
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
MGWI06-24D05 MGWI06-24D12 MGWI06-24D15 MGWI06-24S0 |
Ultra compact DIP Package
|
Total Power Internation...
|
MSGWI06-48D05 MSGWI06-48S05 MSGWI06-48D12 MSGWI06- |
DC/DC CONVERTER 6W, Ultra compact SMD Package
|
Minmax Technology Co., Ltd.
|